Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 60Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 61Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 62Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 63Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 64Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 65Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 66Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 67Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 63 of 92
MB90340E Series
11.4.7 Ready Input Timing
(TA  40°C to 105°C, VCC 5.0 V 10, VSS 0.0 V, fCP24 MHz)
Note:
: If the RDY setup time is insufficient, use the auto-ready function.
Parameter
Symbol
Pin
Test
Condition
Rated Value
Unit
Remarks
Min
Max
RDY setup time
tRYHS
RDY
45
ns
fCP 16 MHz
32
ns
fCP 24 MHz
RDY hold time
tRYHH
RDY
0
ns
CLK
2.4 V
ALE
RD/WR
RDY
When WAIT is not used.
VIH
VIH
tRYHH
RDY
When WAIT is used.
tRYHS
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com