Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 55Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 56Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 57Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 58Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 59Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 60Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 61Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 62Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 58 of 92
MB90340E Series
11.4.2 Reset Standby Input
(TA  40°C to 105°C, VCC 5.0 V 10, fCP24 MHz, VSS AVSS 0.0 V)
* : The oscillation time of the oscillator is the time it takes for the amplitude of the oscillations to reach 90
. For
crystal oscillators, this time is between several ms and several tens of ms, for ceramic oscillators the time is
between several hundred
s and several ms, and for an external clock, the time is 0 ms.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RST
500
ns
Under normal operation
Oscillation time of oscillator*
100 s
s
In Stop mode, Sub Clock mode,
Sub Sleep mode and Watch
mode
100
s
In Time Timer mode
tRSTL
0.2 VCC
0.2 VCC
100
µs
RST
X0
90% of
amplitude
Instruction execution
Oscillation stabilization
waiting time
Oscillation time
of oscillator
Internal operation
clock
Internal reset
0.2 VCC
RST
tRSTL
0.2 VCC
Under normal operation:
In Stop mode, Sub Clock mode, Sub Sleep mode, Watch mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com