Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 17Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 18Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 19Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 20Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 21Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 22Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 23Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 24Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 20 of 92
MB90340E Series
(Continued)
Type
Circuit
Remarks
F
CMOS level output
(IOL = 4 mA, IOH  4 mA)
CMOS hysteresis input (with function to disconnect
input during standby)
Automotive input (with function to
disconnect input during standby)
G
CMOS level output
(IOL = 4 mA, IOH  4 mA)
CMOS hysteresis input (with function to disconnect
input during standby)
Automotive input (with function to
disconnect input during standby)
TTL input (with function to disconnect
input during standby)
Programmable pull-up resistor: 50 k
approx.
H
CMOS level output
(IOL = 3 mA, IOH  3 mA)
CMOS hysteresis input (with function to disconnect
input during standby)
Automotive input (with function to
disconnect input during standby)
CMOS hysteresis
input
Automotive input
Standby control for
input shutdown
Pout
Nout
R
P-ch
N-ch
Pull-up control
CMOS hysteresis
input
Automotive input
TTL input
Standby control for
input shutdown
Pout
Nout
R
P-ch
P-ch
N-ch
CMOS hysteresis
input
Automotive input
Standby control for
input shutdown
Pout
Nout
R
N-ch
P-ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com