Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 36Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 37Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 38Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 39Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 40Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 41Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 42Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 43Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 39 of 92
MB90340E Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
007970H
I2C Bus Status Register 0
IBSR0
R
I2C Interface 0
00000000B
007971H
I2C Bus Control Register 0
IBCR0
W,R/W
00000000B
007972H
I2C 10-bit Slave Address Register 0
ITBAL0
R/W
00000000B
007973H
ITBAH0
R/W
00000000B
007974H
I2C 10-bit Slave Address Mask
Register 0
ITMKL0
R/W
11111111B
007975H
ITMKH0
R/W
00111111B
007976H
I2C 7-bit Slave Address Register 0
ISBA0
R/W
00000000B
007977H
I2C 7-bit Slave Address Mask Register 0
ISMK0
R/W
01111111B
007978H
I2C Data Register 0
IDAR0
R/W
00000000B
007979H,
00797AH
Reserved
00797BH
I2C Clock Control Register 0
ICCR0
R/W
I2C Interface 0
00011111B
00797CH
to
00797FH
Reserved
007980H
I2C Bus Status Register 1
IBSR1
R
I2C Interface 1
00000000B
007981H
I2C Bus Control Register 1
IBCR1
W,R/W
00000000B
007982H
I2C 10-bit Slave Address Register 1
ITBAL1
R/W
00000000B
007983H
ITBAH1
R/W
00000000B
007984H
I2C 10-bit Slave Address Mask
Register 1
ITMKL1
R/W
11111111B
007985H
ITMKH1
R/W
00111111B
007986H
I2C 7-bit Slave Address Register 1
ISBA1
R/W
00000000B
007987H
I2C 7-bit Slave Address Mask Register 1
ISMK1
R/W
01111111B
007988H
I2C Data Register 1
IDAR1
R/W
00000000B
007989H,
00798AH
Reserved
00798BH
I2C Clock Control Register 1
ICCR1
R/W
I2C Interface 1
00011111B
00798CH
to
0079C1H
Reserved
0079C2H
Clock Modulator Control Register
CMCR
R, R/W
Clock Modulator
0001X000B
0079C3H
to
0079DFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com