Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 13Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 14Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 15Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 16Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 17Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 18Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 19Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 20Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 16 of 92
MB90340E Series
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1
LQFP100*2
61
59
P84
F
General purpose I/O pin.
SCK0
Clock I/O pin for UART0
INT15R
External interrupt request input pin
62
60
P85
M
General purpose I/O pin.
SIN1
Serial data input pin for UART1
63
61
P86
F
General purpose I/O pin.
SOT1
Serial data output pin for UART1
64
62
P87
F
General purpose I/O pin.
SCK1
Clock I/O pin for UART1
65
63
VCC
Power (3.5 V to 5.5 V) input pin
66
64
VSS
GND pin
67 to 70
65 to 68
P90 to P93
F
General purpose I/O pins
PPG1, 3, 5, 7
Output pins for PPGs
71 to 74
69 to 72
P94 to P97
F
General purpose I/O pins
OUT0 to OUT3
Waveform output pins for output compares. This function is enabled when
the OCU enables waveform output.
75
73
PA0
F
General purpose I/O pin.
RX0
RX input pin for CAN0 Interface
INT8R
External interrupt request input pin
76
74
PA1
F
General purpose I/O pin.
TX0
TX Output pin for CAN0
77 to 84
75 to 82
P00 to P07
G
General purpose I/O pins. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus.
This function is enabled when the external bus is enabled.
INT8 to INT15
External interrupt request input pins.
85
83
P10
G
General purpose I/O pin. The register can be set to select whether to use a
pull-up resistor.
This function is enabled in single-chip mode.
AD08
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
TIN1
Event input pin for the reload timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com