Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 59Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 60Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 61Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 62Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 63Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 64Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 65Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 66Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 62 of 92
MB90340E Series
11.4.6 Bus Timing (Write)
(TA  40°C to 105°C, VCC 5.0 V 10, VSS 0.0 V, fCP24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Valid address
WR  time
tAVWL
A23 to A16, AD15
to AD00, WR
tCP15
ns
WR pulse width
tWLWH
WR
3 tCP/2 20
ns
Valid data output
WR  time
tDVWH
AD15 to AD00, WR
3 tCP/2 20
ns
WR
Data hold time
tWHDX
AD15 to AD00, WR
15
ns
WR
Address valid time
tWHAX
A23 to A16, WR
tCP/2 10
ns
WR
ALE  time
tWHLH
WR, ALE
tCP/2 15
ns
WR
CLK  time
tWLCH
WR, CLK
tCP/2 15
ns
CLK
tWLCH
2.4 V
ALE
tWHLH
2.4 V
WR (WRL, WRH)
tWLWH
0.8 V
2.4 V
tAVWL
A23 to A16
0.8 V
2.4 V
2.4 V
0.8 V
tWHAX
AD15 to AD00
2.4 V
0.8 V
Address
0.8 V
2.4 V
Write data
tDVWH
0.8 V
2.4 V
tWHDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com