Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 34Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 35Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 36Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 37Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 38Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 39Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 40Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 41Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 37 of 92
MB90340E Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
007924H
Input Capture 2
IPCP2
R
Input Capture 2/3
XXXXXXXXB
007925H
Input Capture 2
IPCP2
R
XXXXXXXXB
007926H
Input Capture 3
IPCP3
R
XXXXXXXXB
007927H
Input Capture 3
IPCP3
R
XXXXXXXXB
007928H
Input Capture 4
IPCP4
R
Input Capture 4/5
XXXXXXXXB
007929H
Input Capture 4
IPCP4
R
XXXXXXXXB
00792AH
Input Capture 5
IPCP5
R
XXXXXXXXB
00792BH
Input Capture 5
IPCP5
R
XXXXXXXXB
00792CH
Input Capture 6
IPCP6
R
Input Capture 6/7
XXXXXXXXB
00792DH
Input Capture 6
IPCP6
R
XXXXXXXXB
00792EH
Input Capture 7
IPCP7
R
XXXXXXXXB
00792FH
Input Capture 7
IPCP7
R
XXXXXXXXB
007930H
Output Compare 0
OCCP0
R/W
Output Compare 0/1
XXXXXXXXB
007931H
Output Compare 0
OCCP0
R/W
XXXXXXXXB
007932H
Output Compare 1
OCCP1
R/W
XXXXXXXXB
007933H
Output Compare 1
OCCP1
R/W
XXXXXXXXB
007934H
Output Compare 2
OCCP2
R/W
Output Compare 2/3
XXXXXXXXB
007935H
Output Compare 2
OCCP2
R/W
XXXXXXXXB
007936H
Output Compare 3
OCCP3
R/W
XXXXXXXXB
007937H
Output Compare 3
OCCP3
R/W
XXXXXXXXB
007938H
Output Compare 4
OCCP4
R/W
Output Compare 4/5
XXXXXXXXB
007939H
Output Compare 4
OCCP4
R/W
XXXXXXXXB
00793AH
Output Compare 5
OCCP5
R/W
XXXXXXXXB
00793BH
Output Compare 5
OCCP5
R/W
XXXXXXXXB
00793CH
Output Compare 6
OCCP6
R/W
Output Compare 6/7
XXXXXXXXB
00793DH
Output Compare 6
OCCP6
R/W
XXXXXXXXB
00793EH
Output Compare 7
OCCP7
R/W
XXXXXXXXB
00793FH
Output Compare 7
OCCP7
R/W
XXXXXXXXB
007940H
Timer Data 0
TCDT0
R/W
Free-run Timer 0
00000000B
007941H
Timer Data 0
TCDT0
R/W
00000000B
007942H
Timer Control Status 0
TCCSL0
R/W
00000000B
007943H
Timer Control Status 0
TCCSH0
R/W
0XXXXXXXB
007944H
Timer Data 1
TCDT1
R/W
Free-run Timer 1
00000000B
007945H
Timer Data 1
TCDT1
R/W
00000000B
007946H
Timer Control Status 1
TCCSL1
R/W
00000000B
007947H
Timer Control Status 1
TCCSH1
R/W
0XXXXXXXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com