Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 21Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 22Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 23Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 24Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 25Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 26Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 27Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 28Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 24 of 92
MB90340E Series
5. Sequence for Turning On the Power Supply to the A/D Converter and Analog Inputs
Make sure to turn on the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (AN0 to AN23) after turning-on the
digital power supply (VCC).
Turn-off the digital power after turning off the A/D converter supply and analog inputs. In this case, make sure that the voltage does
not exceed AVRH or AVCC (turning on/off the analog and digital power supplies simultaneously is acceptable).
6.Connection of Unused A/D Converter Pins when the A/D Converter is Used
Connect unused pins of A/D converter to AVCC VCC, AVSS AVRH AVRL VSS.
7.Crystal Oscillator Circuit
The X0, X1 pins and X0A, X1A pins may be possible causes of abnormal operation. Make sure to provide bypass capacitors via the
shortest distance from X0, X1 pins and X0A, X1A pins, crystal oscillator (or ceramic oscillator) and ground lines, and make sure, to
the utmost effort, that the oscillation circuit lines do not cross the lines of other circuits. It is highly recommended to provide a printed
circuit board art work surrounding X0, X1 pins and X0A, X1A pins with a ground area for stabilizing the operation.
For each of the mass-production products, request an oscillator evaluation from the manufacturer of the oscillator you are using.
8. Pull-up/down resistors
The MB90340E Series does not support internal pull-up/down resistors (except for the pull-up resistors built into ports 0 to 3). Use
external components where needed.
9.Using external clock
To use an external clock, drive the X0 pin and leave the X1 pin open.
10.Precautions when not using a sub clock signal
If you do not connect pins X0A and X1A to an oscillator, use pull-down handling on the X0A pin, and leave the X1A pin open.
11.Notes on operation in PLL clock mode
If PLL clock mode is selected, the microcontroller attempt to be working with the self-oscillating circuit even when there is no external
oscillator or the external clock input is stopped. Performance of this operation, however, cannot be guaranteed.
12.Notes on Power-On
To prevent the internal regulator circuit from malfunctioning, set the voltage rise time during power-on to 50
s or more (0.2 V to 2.7
V)
X0
X1
MB90340E Series
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com