Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 47Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 48Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 49Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 50Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 51Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 52Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 53Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 54Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 50 of 92
MB90340E Series
11. Electrical Characteristics
11.1 Absolute Maximum Ratings
*1: This parameter is based on VSS AVSS 0 V
*2: Set AVCC and VCC to the same voltage. Make sure that AVCC does not exceed VCC and that the voltage at the analog inputs does
not exceed AVCC when the power is switched on.
*3: VI and VO should not exceed VCC  0.3 V. VI should not exceed the specified ratings. However if the maximum current to/from an
input is limited by some means with external components, the ICLAMP rating supersedes the VI rating.
*4: Applicable to pins: P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67, P70 to P77, P80 to P87,
P90 to P97, PA0, PA1
*5:
Applicable to pins: P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47,
P50 to P57 (Evaluation device : P50 to P55) , P60 to P67, P70 to P77, P80 to P87, P90 to P97, PA0 to PA1
Use within recommended operating conditions.
Use with DC voltage (current)
The B signal should always be applied by using a limiting resistance placed between the B signal and the microcontroller.
The value of the limiting resistance should be set so that when the B signal is applied, the input current to
the microcontroller pin does not exceed the rated value, either instantaneously or for prolonged periods.
Note that when the microcontroller drive current is low, such as in the power saving modes, the B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this may affect other devices.
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS 0.3
VSS 6.0
V
AVCC
VSS 0.3
VSS 6.0
V
VCC AVCC*2
AVRH,
AVRL
VSS 0.3
VSS 6.0
V
AVCC AVRH, AVCC AVRL, AVRH
AVRL
Input voltage*1
VI
VSS 0.3
VSS 6.0
V
*3
Output voltage*1
VO
VSS 0.3
VSS 6.0
V
*3
Maximum Clamp Current
ICLAMP
4.0
4.0
mA
*5
Total Maximum Clamp Current
|I
CLAMP|
40
mA
*5
“L” level maximum output current
IOL
15
mA
*4, *6
“L” level average output current
IOLAV
4mA
*4, *7
“L” level maximum overall output current
I
OL
100
mA
*4
“L” level average overall output current
I
OLAV
50
mA
*4, *8
“H” level maximum output current
IOH
15
mA
*4, *6
“H” level average output current
IOHAV
4mA
*4, *7
“H” level maximum overall output current
I
OH
100
mA
*4
“H” level average overall output current
I
OHAV
50
mA
*4, *8
Power consumption
PD
450
mW
Operating temperature
TA
40
105
°C
Storage temperature
TSTG
55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com