Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 24Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 25Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 26Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 27Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 28Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 29Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 30Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 31Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 27 of 92
MB90340E Series
MB90341E(S), MB90341CE(S), MB90342E(S), MB90342CE(S), MB90F342E(S), MB90F342CE(S), MB90F345E(S),
MB90F345CE(S), MB90346E(S), MB90346CE(S), MB90F346E(S), MB90F346CE(S), MB90347E(S), MB90347CE(S),
MB90F347E(S), MB90F347CE(S), MB90348E(S), MB90348CE(S), MB90349E(S), MB90349CE(S), MB90F349E(S), MB90F349CE(S)
RAM
ROM/Flash
LIN-UART
Prescaler
8/10-bit
16/24
16-bit Reload
Free-run
Clock
Controller
Input
Capture
8 channels
Output
Compare
8 channels
CAN
Controller
External
Interrupt
16LX
CPU
X0,X1
RST
SOT3 to SOT0
SCK3 to SCK0
SIN3 to SIN0
AVCC
AVSS
AN15 to AN0
AVRH
AVRL
ADTG
TIN3 to TIN0
TOT3 to TOT0
IN7 to IN0
OUT7 to OUT0
RX0, RX1*3
TX0, TX1*3
INT15 to INT8
External
Bus
Interface
AD15 to AD00
A23 to A16
ALE
RD
WR/WRL
WRH
HRQ
HAK
RDY
CLK
X0A,X1A*1
64 K/128 K
4 channels
Free-run
FRCK0
FRCK1
8/16-bit
PPG
16/8 channels
PPGF to PPG0
4 channels
I2C
Interface
SDA1, SDA0*2
SCL1, SCL0*2
2 channels
AN23 to AN16*2
2 K/6 K/16 K/
20 Kbytes
256 K/384 K/
*1 : Only for devices with an S suffix in the part number
*2 : Only for devices with a C suffix in the part number
*3 : Only the MB90341E(S)/ 341CE(S)/ 342E(S)/ 342CE(S)/ F342E(S)/F342CE(S)/F345E(S)/ F345CE(S)
are equipped with 2 CAN channels
Clock
Monitor
CKOT
(INT15R to INT8R)
INT7 to INT0
512 Kbytes
A/D Converter
16 channels
channels
Timer
4
channels
1/2 channels*3
Timer 0
Timer 1
DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com