Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 52Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 53Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 54Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 55Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 56Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 57Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 58Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 59Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 55 of 92
MB90340E Series
11.4 AC Characteristics
11.4.1 Clock Timing
(TA  40°C to 105°C, VCC 5.0 V 10, fCP24 MHz, VSS AVSS 0 V)
* : When selecting the PLL clock, the range of clock frequency is limited. Use this product within the range as
mentioned in “Relation between the external clock frequency and machine clock frequency”.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
16
MHz
When using an oscillation circuit
4
16
MHz
PLL multiplied by 1
When using an oscillation circuit
4
12
MHz
PLL multiplied by 2
When using an oscillation circuit
4
8MHz
PLL multiplied by 3
When using an oscillation circuit
4
6MHz
PLL multiplied by 4
When using an oscillation circuit

4MHz
PLL multiplied by 6
When using an oscillation circuit
3
24
MHz
When using an external clock*
fCL
X0A, X1A
—
32.768
100
kHz
Clock cycle time
tCYL
X0, X1
62.5
333
ns
When using an oscillation circuit
X0, X1
41.67
333
ns
When using an external clock
tCYLL
X0A, X1A
10
30.5
—
s
Input clock pulse width
PWH, PWL
X0
10

ns
Duty ratio is about 30
to 70.
PWHL, PWLL X0A
5
15.2
s
Input clock rise and fall time
tCR, tCF
X0

5
ns
When using external clock
Internal operating clock
frequency (machine clock)
fCP
1.5
24
MHz
When using main clock
fCPL

8.192
50
kHz
When using sub clock
Internal operating clock
cycle time (machine clock)
tCP
41.67
666
ns
When using main clock
tCPL
20
122.1
s
When using sub clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com