Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 62Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 63Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 64Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 65Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 66Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 67Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 68Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 69Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 65 of 92
MB90340E Series
11.4.9 LIN-UART0/1/2/3
Bit setting: ESCR:SCES = 0, ECCR:SCDE = 0
(TA  40°C to 105°C, VCC 5.0 V 10, fCP24 MHz, VSS 0 V)
Note:
AC characteristic in CLK synchronized mode.
C
L is load capacity value of pins when testing.
t
CP is internal operating clock cycle time (machine clock) . Refer to “ (1) Clock Timing”.
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK3
Internal shift clock
mode output pins are
CL
80 pF 1 TTL.
5 tCP
ns
SCK
  SOT delay time
tSLOVI
SCK0 to SCK3,
SOT0 to SOT3
50
50
ns
Valid SIN
 SCK 
tIVSHI
SCK0 to SCK3,
SIN0 to SIN3
tCP + 80
ns
SCK
  Valid SIN hold time
tSHIXI
SCK0 to SCK3,
SIN0 to SIN3
0
ns
Serial clock “L” pulse width
tSHSL
SCK0 to SCK3
External shift clock
mode output pins are
CL
80 pF 1 TTL.
3 tCP - tR
ns
Serial clock “H” pulse width
tSLSH
SCK0 to SCK3
tCP + 10
ns
SCK
  SOT delay time
tSLOVE
SCK0 to SCK3,
SOT0 to SOT3
2 tCP + 60
ns
Valid SIN
 SCK 
tIVSHE
SCK0 to SCK3,
SIN0 to SIN3
30
ns
SCK
  Valid SIN hold time
tSHIXE
SCK0, SCK1,
SIN0 to SIN3
tCP + 30
ns
SCK fall time
tF
SCK0 to SCK3
10
ns
SCK rise time
tR
SCK0 to SCK3
10
ns
SCK0 to SCK3
2.4 V
0.8 V
SOT0 to SOT3
0.8 V
2.4 V
0.8 V
tSLOVI
SIN0 to SIN3
VIL
VIH
VIL
VIH
tSCYC
tIVSHI
tSHIXI
Internal Shift Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com