Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 70 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 70 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 66Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 67Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 68Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 69Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 70Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 71Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 72Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 73Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 69 of 92
MB90340E Series
Bit setting: ESCR:SCES
1, ECCR:SCDE 1
(TA  40°C to 105°C, VCC 5.0 V 10, fCP24 MHz, VSS 0 V)
Note:
C
L is load capacity value of pins when testing.
t
CP is internal operating clock cycle time (machine clock) . Refer to “Clock Timing”.
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK3
Internal clock operation
output pins are
CL
80 pF 1 TTL.
5 tCP
ns
SCK
  SOT delay time
tSLOVI
SCK0 to SCK3,
SOT0 to SOT3
50
50
ns
Valid SIN
 SCK 
tIVSHI
SCK0 to SCK3,
SIN0 to SIN3
tCP 80
ns
SCK
  Valid SIN hold time
tSHIXI
SCK0 to SCK3,
SIN0 to SIN3
0
ns
SOT
 SCK  delay time
tSOVHI
SCK0 to SCK3,
SOT0 to SOT3
3 tCP 70
ns
SCK0 to SCK3
2.4 V
tSCYC
2.4 V
SOT0 to SOT3
0.8 V
2.4 V
tSOVHI
SIN0 to SIN3
VIL
VIH
tIVSHI
VIL
VIH
tSHIXI
0.8 V
tSLOVI
0.8 V
2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com