Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 48Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 49Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 50Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 51Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 52Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 53Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 54Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 55Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 51 of 92
MB90340E Series
(Continued)
Note that if a B signal is input when the microcontroller power supply is off (not fixed at 0 V) , the power
supply is provided from the pins, so that incomplete operation may result.
Note that if the B input is applied during power-on, the power supply is provided from the pins and the
resulting supply voltage may not be sufficient to operate the power-on reset.
Care must be taken not to leave the B input pin open.
Sample recommended circuits:
*6: The maximum output current is defined as the peak value of the current of any one of the corresponding pins.
*7: The average output current is defined as the value of the average current flowing over 100 ms at any one of the corresponding pins.
*8: The average total output current is defined as the value of the average current flowing over 100 ms at all of the corresponding pins.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
VCC
R
Input/output equivalent circuits
B input (0 V to 16 V)
Limiting
resistance
Protective diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com