Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 49Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 50Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 51Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 52Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 53Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 54Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 55Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 56Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 52 of 92
MB90340E Series
11.2 Recommended Operating Conditions
(VSS AVSS 0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VCC,
AVCC
4.0
5.0
5.5
V
Under normal operation
3.5
5.0
5.5
V
Under normal operation, when not using the A/D
converter and not Flash
programming.
4.5
5.0
5.5
V
When External bus is used.
3.0
5.5
V
Maintains RAM data in stop mode
Smoothing capacitor
CS
0.1
1.0
F
Use a ceramic capacitor or capacitor of better AC
characteristics. Capacitor at the VCC should be
greater than this
capacitor.
Operating temperature
TA
40
105
°C
C
CS
C Pin Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com