Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 16 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 16 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 12Page - International Rectifier IRPLLED1 Datasheet HTML 13Page - International Rectifier IRPLLED1 Datasheet HTML 14Page - International Rectifier IRPLLED1 Datasheet HTML 15Page - International Rectifier IRPLLED1 Datasheet HTML 16Page - International Rectifier IRPLLED1 Datasheet HTML 17Page - International Rectifier IRPLLED1 Datasheet HTML 18Page - International Rectifier IRPLLED1 Datasheet HTML 19Page - International Rectifier IRPLLED1 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.irf.com
16
RD-0608
The resistance between VBUS and VCC (RS1) should be large enough to minimize the current sourced directly
from the input voltage line. Through this supply resistor a current will flow to charge the VCC capacitor. Once the
capacitor is charged up to the VCCUV+ threshold, the IRS2540/1/01/11 begins to operate activating the LO and HO
outputs. After the first few cycles of switching the resistor RS2 connected between the output and VCC will take
over and source current for VCC from the output. The RS2 resistor provided in the evaluation board has been
designed for an output of 16 to 24V. If a higher output voltage is desired, RS2 will need to be increased accordingly.
Conversely, if the output voltage is below 20V the value of RS2 may need to be reduced in order to supply sufficient
voltage to VCC.
A 10uF capacitor has been used at VCC of the IRS2540/1/01/11, which removes most low frequency ripple that
could originate from VBUS due to a rectified voltage waveform.
If the input and output voltages are defined for the evaluation board, enough information is provided to calculate
values for RS1, RS2, and RS3 (see Fig. 23 for component definition). All three supply resistors were chosen to be
1W devices since they source all current to the chip. Efficiency can be improved by optimizing these values for
specific applications.
By making each component 1W, the work in supplying VCC can be split up equally making it a more robust
solution instead of relying entirely on one component. This also allows the chip to turn on at a lower bus voltage.
Assuming that a 14V external zener diode will be used on Vcc, exact values of RS1, RS2, and RS3 are calculated as
follows (values calculated to operate the components just below half their rated power):
R
V
P
2
=
RS1
()
() ()
Ω
Ω
=
=
=
=
k
k
RS
W
V
V
W
V
V
RS
RS
V
V
W
Bus
Bus
56
6
.
48
1
2
1
14
170
2
1
14
1
1
14
2
1
2
2
2
max
max
RS3
()
()
()
() () (
)
Ω
Ω
=
=
=
=
k
k
RS
W
V
V
W
V
V
RS
RS
V
V
W
Bus
Bus
47
8
.
43
1
2
1
14
170
1
.
0
1
2
1
14
1
.
0
1
3
3
14
1
.
0
1
2
1
%
10
ratio
duty
min
2
2
2
max
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com