Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 2 Page - International Rectifier

  IRPLLED1 Datasheet HTML 1Page - International Rectifier IRPLLED1 Datasheet HTML 2Page - International Rectifier IRPLLED1 Datasheet HTML 3Page - International Rectifier IRPLLED1 Datasheet HTML 4Page - International Rectifier IRPLLED1 Datasheet HTML 5Page - International Rectifier IRPLLED1 Datasheet HTML 6Page - International Rectifier IRPLLED1 Datasheet HTML 7Page - International Rectifier IRPLLED1 Datasheet HTML 8Page - International Rectifier IRPLLED1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.irf.com
2
RD-0608
EVALUATION BOARD - IRPLLED1
1. Introduction
Development of LED technology over the last few years has produced high power devices with luminous efficacies
surpassing Fluorescent and HID light sources. These solid state light sources also posses the added advantages of
longer operating life span, up to 50000 hours as well greater robustness that other less efficient light sources.
For these reasons high power LEDs have now become a viable alternative for many general lighting applications.
High power LEDs are driven with constant regulated DC current, requiring a "ballast" or "converter" to provide the
required current from an AC or DC power source. The IRS2540/1/01/11 series Buck LED driver provides an
accurately controlled current and protects the LEDs against damage from overload, while providing the ability to
dim the light level. The IRS2540/1/01/11 will be replaced by the fully compatible revised IRS25401/11.
The IRPLLED1evaluation board is a high voltage LED driver designed to operate from a DC input voltage of 50V
to 170V and produce an output voltage of 16V-24V to supply a programmable load current of 350mA, 700mA, 1A,
or 1.5A. It uses the IRS2540/1/01/11 or revised version IRS25401/11, a high voltage, high frequency Buck control
IC for constant LED current regulation. The IRS2540/1/01/11 controls the average load current by a continuous
mode time-delayed hysteretic method using an accurate on chip band gap voltage reference. The 8-pin, 200V/600V
rated IRS2540/1/01/11 inherently provides short-circuit protection with open-circuit protection incorporated by a
simple external circuit and has dimming capability.
The evaluation board documentation will briefly describe the functionality of IRS2540/1/01/11, discuss the selection
of the output stage, switching components and surrounding circuitry. This board was tested with a single HBLED
panel for the 350mA and 700mA settings, using two similar flood boards in parallel to provide test loads for the 1A
and 1.5A settings.
Important Safety Information
The IRPLLED1 does not provide galvanic isolation of the LED drive output from the line input. Therefore if the
system is supplied directly from a non-isolated input, an electrical shock hazard exists at the LED outputs and these
should not be touched during operation. Although the output voltage is low this electrical shock hazard still exists.
It is recommended that for laboratory evaluation that the IRPLLED1 board be used with an isolated DC input
supply. The IRS2540/1/01/11 series Buck topology is suitable only for final applications where isolation is either not
necessary or provided elsewhere in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com