Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 21 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 17Page - International Rectifier IRPLLED1 Datasheet HTML 18Page - International Rectifier IRPLLED1 Datasheet HTML 19Page - International Rectifier IRPLLED1 Datasheet HTML 20Page - International Rectifier IRPLLED1 Datasheet HTML 21Page - International Rectifier IRPLLED1 Datasheet HTML 22Page - International Rectifier IRPLLED1 Datasheet HTML 23Page - International Rectifier IRPLLED1 Datasheet HTML 24Page - International Rectifier IRPLLED1 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.irf.com
21
RD-0608
Fig. 27 Load Current Spike Including Rout (5ohm)
Iout = 350mA, Vin = 100V, Vout = 17V
Fig. 28 Load Current Ripple Including Rout (5ohm)
Iout = 350mA, Vin = 100V, Vout = 17V
Although the inclusion of the resistor Rout minimizes or eliminates the load current spikes, the overall current
regulation and operating frequency will be slightly compromised. The resistor reduces the overall effectiveness of
the output capacitor, which means the switching frequency will marginally increase. The output ripple current will
also increase, which ultimately leads to a larger current regulation tolerance. Although the overall current regulation
capabilities may decrease with the inclusion of this resistor, the actual stability of the PWM dimming signal will still
be the dominant factor of the overall output current regulation capabilities.
It should be noted that the IRPLLED1 reference design board reflects the schematic of Figure 16 where a high speed
diode is used in place of the lower MOSFET switch indicated in Figure 1.
The addition of resistor RSYNC and diode DSYNC synchronizes the ENN input signal such that, when ENN
transitions from low to high to disable the oscillator during a period when HO is high, the IRS2540 will not react



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com