Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 1 Page - International Rectifier

  IRPLLED1 Datasheet HTML 1Page - International Rectifier IRPLLED1 Datasheet HTML 2Page - International Rectifier IRPLLED1 Datasheet HTML 3Page - International Rectifier IRPLLED1 Datasheet HTML 4Page - International Rectifier IRPLLED1 Datasheet HTML 5Page - International Rectifier IRPLLED1 Datasheet HTML 6Page - International Rectifier IRPLLED1 Datasheet HTML 7Page - International Rectifier IRPLLED1 Datasheet HTML 8Page - International Rectifier IRPLLED1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IRPLLED1
IRPLLED1 (Rev D Version)
350mA to 1.5A High Voltage LED Driver using
IRS2540,1 or IRS25401,11
Table of Contents
Page
1. Introduction………………………………………………………………...….1
2. Constant Current Control.......................................................................3
3. Frequency Selection ..............................................................................6
4. Output L1 and COUT Selection .............................................................6
5. MOSFET vs Diode for the low side switch.…………...………………….12
6. VCC Supply ...……………………………………………………………….15
7. VBS Supply ………………………………………………………………….16
8. Enable Pin ……….………………………….……………………………….17
9. Over voltage protection………………….……………………………....….22
10. Other Design Considerations .…………….……………………………...24
11. Design Procedure Summary ……….…………………………………….25
12. Bill of Materials ………………………..……………………………….26-27
13. PCB Layout ………………………………………………………………...27


Similar Part No. - IRPLLED1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
High Power Factor/Low THD
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
Universal Input Linear Fluorescent Ballast using the IR2167
IRPLLNR5 IRF-IRPLLNR5 Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
IRPLLNR7 IRF-IRPLLNR7 Datasheet
303Kb / 18P
The IRPLLNR7 Demo Board is a high efficiency, high power factor, fixed output electronic ballast designed for driving rapid start fluorescent lamp types.
More results

Similar Description - IRPLLED1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
AIMTEC
AMEGR8-KZ-C1 AIMTEC-AMEGR8-KZ-C1 Datasheet
244Kb / 2P
up to 350mA | AC-DC LED Driver
AMEGR11-3630KZ AIMTEC-AMEGR11-3630KZ Datasheet
249Kb / 2P
up to 350mA | AC-DC LED driver
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
350mA, LED Lighting Driver
UM1350 UNIONSEMI-UM1350_14 Datasheet
368Kb / 15P
350mA, LED Lighting Driver
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
350mA LED Lighting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com