Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 17 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 17 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 13Page - International Rectifier IRPLLED1 Datasheet HTML 14Page - International Rectifier IRPLLED1 Datasheet HTML 15Page - International Rectifier IRPLLED1 Datasheet HTML 16Page - International Rectifier IRPLLED1 Datasheet HTML 17Page - International Rectifier IRPLLED1 Datasheet HTML 18Page - International Rectifier IRPLLED1 Datasheet HTML 19Page - International Rectifier IRPLLED1 Datasheet HTML 20Page - International Rectifier IRPLLED1 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
www.irf.com
17
RD-0608
RS2
()
() ()
Ω
≤
Ω
=
−
=
−
=
−
=
k
RS
W
V
V
W
V
V
RS
RS
V
V
W
Out
Out
1
512
1
2
1
14
30
2
1
14
2
2
14
2
1
2
2
2
max
max
RS1 may be rounded up to 1K
7. VBS Supply
The bootstrap diode (DBOOT) and supply capacitor (CBOOT) comprise the supply voltage for the high side driver
circuitry. To guarantee that the high-side supply is charged up before operation commences, the first pulse from the
output drivers comes from the LO pin. During under voltage lock-out mode, the high and low-side outputs are both
held low.
During an open circuit condition, without the watchdog timer, the HO output would remain high at all times and the
charge stored in the bootstrap capacitor (CBOOT) would slowly leak until reaching zero, thus eliminating the
floating power supply for the high side driver. To maintain sufficient charge on CBOOT, a watchdog timer has been
implemented. In the condition where VIFB remains below VIFBTH, the HO output will be forced low roughly after
20µs and the LO output forced high. This toggling of the outputs will last for 1µs to maintain and replenish
sufficient charge on CBOOT.
Fig. 21 Illustration of Watchdog Timer
The bootstrap capacitor value needs to be chosen so that it maintains sufficient charge for at least the 20µs interval
until the watchdog timer allows the capacitor to recharge. If the capacitor value is too small, the charge will fully
dissipate in less than 20µs. The bootstrap capacitor should be at least 100nF. A larger value within reason can be
used if preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com