Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 30 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 30 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 22Page - International Rectifier IRPLLED1 Datasheet HTML 23Page - International Rectifier IRPLLED1 Datasheet HTML 24Page - International Rectifier IRPLLED1 Datasheet HTML 25Page - International Rectifier IRPLLED1 Datasheet HTML 26Page - International Rectifier IRPLLED1 Datasheet HTML 27Page - International Rectifier IRPLLED1 Datasheet HTML 28Page - International Rectifier IRPLLED1 Datasheet HTML 29Page - International Rectifier IRPLLED1 Datasheet HTML 30Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
www.irf.com
30
RD-0608
Revision History
Rev/Date
Change Description
Rev 2.
Aug 1, 2008
Updated Figure 16 to provide exact schematic of the demo
board including sync modification.
Added Figure 4a to show LED current jumper settings.
Correction made to duty cycle calculation in section 8.
Added Figure 28a to show synchronization waveforms for
PWM dimming with preceding explanatory text.
New PCB layout added in section 12 to include sync
modification.
Rev 3.
Oct
27,2008
Modified table of contents.
Section (1) updated.
Section (2) updated.
Section (3) updated.
Section (4) updated.
Section (5) updated.
Section (6) updated.
Section (8) updated.
Section (9) updated.
Updated Fig 22. R7 added to improve PWM dimming signal
generator circuit to reduce noise sensitivity and increase
stability. R7 also added to signal generator BOM.
Section 8 "Dimming Mode" now recommends a PWM
frequency of 1kHz for dimming.
Added additional comments in "Layout Considerations"
item (5)
Rev 4.
April 15,
2009
Now updated for Rev D of the IRPLLED1 demo board.
Introduction – added safety warning.
Minor updates to sections (1) through (8)
Modified Fig 1 to remove old over voltage protection
circuit.
Replaced Fig 16 and Fig 29
Section 9 updated for new over voltage protection circuit.
Updated BOM
Updated PCB layout plots
Rev 5.
May 28,
2010
Added notes concerning the die revision parts IRS25401
and IRS25411. Enhancements are explained in section 8.
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245 Tel: (310) 252-7105
Data and specifications subject to change without notice.
05/28/2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com