Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 28 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 28 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 22Page - International Rectifier IRPLLED1 Datasheet HTML 23Page - International Rectifier IRPLLED1 Datasheet HTML 24Page - International Rectifier IRPLLED1 Datasheet HTML 25Page - International Rectifier IRPLLED1 Datasheet HTML 26Page - International Rectifier IRPLLED1 Datasheet HTML 27Page - International Rectifier IRPLLED1 Datasheet HTML 28Page - International Rectifier IRPLLED1 Datasheet HTML 29Page - International Rectifier IRPLLED1 Datasheet HTML 30Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
www.irf.com
28
RD-0608
Enable Signal Generator (not included)
Item
Device
Type
Description
Part #
Manufacurer
# of
devices
Reference
1
C
10uF, 25V, Radial
ECEA1EKG100
Panasonic
1
CVCC3
2
C
100nF, 50V, 0805
VJ0805Y104KXATW1BC
BC Components
1
CVCC4
3
C
1nF, 50V, 0805
VJ0805Y102KXACW1BC
BC Components
2
C1, C2
4
D
Mini Melf
LL4148
Diodes Inc
1
DEN2
5
R
1k, 1%, 0805
MRC10EZHF1001
Rohm
1
R6
6
R
6.8k, 1%, 0805
MRC10EZHF6801
Rohm
1
R5
7
R
10k, 1%, 0805
MRC10EZHF1002
Rohm
1
R4
8
R
20k
MRC10EZHF2002
Rohm
1
R2
9
R
75k
MRC10EZHF7502
Rohm
2
R1, R3
10
R
Select depending
on VBUS
Rohm
1
RS
11
R
56k
MRC10EZHF5602
Rohm
1
R7
12
POT
10k, 10-turn
M64W103KB40
BC Components
1
VR1
13
IC
Comparator
LM393D
Texas Instruments
1
In Socket
14
Socket
8 Pin DIP
2-641260-1
Amp Tyco
Electronics
1IC2
15
13. PCB Layout
Top Overlay
Top Metal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com