Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 9 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 5Page - International Rectifier IRPLLED1 Datasheet HTML 6Page - International Rectifier IRPLLED1 Datasheet HTML 7Page - International Rectifier IRPLLED1 Datasheet HTML 8Page - International Rectifier IRPLLED1 Datasheet HTML 9Page - International Rectifier IRPLLED1 Datasheet HTML 10Page - International Rectifier IRPLLED1 Datasheet HTML 11Page - International Rectifier IRPLLED1 Datasheet HTML 12Page - International Rectifier IRPLLED1 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.irf.com
9
RD-0608
The output capacitor can be used simultaneously to reduce the frequency and improve current control accuracy. Fig.
11 shows how the capacitance reduces the frequency over a range of input voltage. A capacitance of 4.7uF has a
large effect on reducing the frequency. Fig. 12 shows how the current regulation is also improved with the output
capacitance. There is a point at which continuing to add capacitance no longer has a significant effect on the
operating frequency or current regulation, as can be seen in Fig. 12 and Fig. 13.
10
100
1000
30
50
70
90
110
130
150
170
Vin (V)
0uF
4.7uF
10uF
22uF
33uF
47uF
Fig. 11 Iout = 350mA, Vout = 16.8V, L = 470uH
330
340
350
360
370
380
390
30
80
130
180
Vin (V)
0uF
4.7uF
10uF
22uF
33uF
47uF
Fig. 12 Iout = 350mA, Vout = 16.8V, L = 470uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com