Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 4 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 4 Page - International Rectifier

  IRPLLED1 Datasheet HTML 1Page - International Rectifier IRPLLED1 Datasheet HTML 2Page - International Rectifier IRPLLED1 Datasheet HTML 3Page - International Rectifier IRPLLED1 Datasheet HTML 4Page - International Rectifier IRPLLED1 Datasheet HTML 5Page - International Rectifier IRPLLED1 Datasheet HTML 6Page - International Rectifier IRPLLED1 Datasheet HTML 7Page - International Rectifier IRPLLED1 Datasheet HTML 8Page - International Rectifier IRPLLED1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.irf.com
4
RD-0608
t_LO_on
t_HO_off
DT1
IFBTH
50%
50%
50%
50%
t_LO_off
DT2
t_HO_on
HO
LO
IFB
50%
Fig. 3 IRS2540/1/01/11 Control Signals, Iavg=1.2A
Fig. 4 IRS2540/1/01/11 Time Delayed Hysteresis
The switching continues to regulate the current at an average value determined as follows: when the output
combination of L1 and COUT is large enough to maintain a low ripple on IFB (less than 100mV), Iout(avg) can be
calculated:
RCS
VIFBTH
avg
Iout
=
)
(
Having load current programmable from 350mA to 1.5A, series and parallel combinations of resistors must be used
to correctly set the current as well as distribute power accordingly. Equivalent resistances for each current setting
are calculated as follows:
Ω
=
=
43
.
1
350
5
.
0
350
mA
V
R
mA
Ω
=
=
71
.
0
700
5
.
0
700
mA
V
R
mA
Ω
=
=
5
.
0
1
5
.
0
1
A
V
R
A
Ω
=
=
33
.
0
5
.
1
5
.
0
5
.
1
A
V
R
A
(A)
(B)
Fig. 2 (A) Storing Energy in Inductor
(B) Releasing Stored Inductor Energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com