Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 24 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 24 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 20Page - International Rectifier IRPLLED1 Datasheet HTML 21Page - International Rectifier IRPLLED1 Datasheet HTML 22Page - International Rectifier IRPLLED1 Datasheet HTML 23Page - International Rectifier IRPLLED1 Datasheet HTML 24Page - International Rectifier IRPLLED1 Datasheet HTML 25Page - International Rectifier IRPLLED1 Datasheet HTML 26Page - International Rectifier IRPLLED1 Datasheet HTML 27Page - International Rectifier IRPLLED1 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
www.irf.com
24
RD-0608
Fig. 30 Open Circuit Fault Signals, with Clamp
The yellow waveform shows the output voltage and the red waveform shows the VS switching waveform. In this
example there is no output capacitor. When the output goes above the over voltage threshold the VCC voltage
shown in blue is quickly pulled below VCCUV- and then gradually charges back up to VCCUV+ through RS1. If an
output capacitor is connected then VCC is pulled almost to zero by IC3 and the systems takes longer to re-start.
(
)
2
2
1
5
.
2
OV
OV
OV
out
R
R
R
V
+
⋅
=
The values of the divider resistor ROV1 and ROV2 are calculated as follows:
Let ROV2 = 10K
()
Ω
≈
Ω
=
Ω
−
Ω
⋅
=
−
=
+
⋅
=
k
R
k
k
k
V
R
R
V
R
R
R
R
V
OV
OV
OV
out
OV
OV
OV
OV
out
120
118
10
5
.
2
10
32
5
.
2
5
.
2
1
2
2
1
2
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com