Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 20 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 20 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 16Page - International Rectifier IRPLLED1 Datasheet HTML 17Page - International Rectifier IRPLLED1 Datasheet HTML 18Page - International Rectifier IRPLLED1 Datasheet HTML 19Page - International Rectifier IRPLLED1 Datasheet HTML 20Page - International Rectifier IRPLLED1 Datasheet HTML 21Page - International Rectifier IRPLLED1 Datasheet HTML 22Page - International Rectifier IRPLLED1 Datasheet HTML 23Page - International Rectifier IRPLLED1 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
www.irf.com
20
RD-0608
output stage, such that output current spikes are reduced or eliminated. The presence of such current spikes may
cause the inductor to hum or buzz where the emitted sound will be that of the dimming frequency. The inrush of
current produces mechanical movement in the inductor due to the change in magnetic field, which can be heard
since the PWM signal is within the audible range of the human ear. The effects of adding in Rout can be seen in
Fig. 25 – 28.
Fig. 25 Load Current Spike Excluding Rout
Iout = 350mA, Vin = 100V, Vout = 17V
Fig. 26 Load Current Ripple Excluding Rout
Iout = 350mA, Vin = 100V, Vout = 17V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com