Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 27 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 27 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 22Page - International Rectifier IRPLLED1 Datasheet HTML 23Page - International Rectifier IRPLLED1 Datasheet HTML 24Page - International Rectifier IRPLLED1 Datasheet HTML 25Page - International Rectifier IRPLLED1 Datasheet HTML 26Page - International Rectifier IRPLLED1 Datasheet HTML 27Page - International Rectifier IRPLLED1 Datasheet HTML 28Page - International Rectifier IRPLLED1 Datasheet HTML 29Page - International Rectifier IRPLLED1 Datasheet HTML 30Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
www.irf.com
27
RD-0608
12. Bill of Materials
Item
Device
Type
Description
Part #
Manufacturer
# of
devices
Reference
1
C
10uF, 25V, Radial
UVZ1E100MDD
Nichicon
1
CVCC1
2
C
100nF, 200V, 1812
VJ1812Y104KXCAT
BC Components
1
CBUS2
3
C
100nF, 50V, 0805
VJ0805Y104KXATW1B
C
BC Components
2
CVCC2,
CBOOT
4
C
33uF, 100V
UVZ2A330MPD
Nichicon
1
COUT
5
C
1nF, 50V, 0805
VJ0805Y102KXACW1B
C
BC Components
3
CF, CEN1,
CEN2
6
C
47uF, 200V
UVZ2D470MHD
Nichicon
1
CBUS1
7
D
200V, 1A
MUR120T3
On Semi
1
DBOOT
8
D
Mini Melf
LL4148
Diodes Inc
3
DEN1,
DSYNC,
DPWR
9
D
300V, 8A
8ETH03
IR
1
D1
10
DZ
14V, 0.5W, Mini Melf
ZMM5244B-7
Diodes Inc
1
DCLAMP
11
L
470uH
IL 050 321 31 01
VOGT
1
L1
12
L
470uH
RFB1010-471
Coilcraft
1
L2
13
R
10ohm, 1%, 0805
MCR10EZHF10R0
Rohm
2
RG1, RG2
14
R
0.56ohm, 1%, 1206
ERJ-8RQFR56V
Panasonic
3
RCS2, RCS4,
RCS6
15
R
0.47ohm, 1%, 1206
ERJ-8RQFR47V
Panasonic
3
RCS1, RCS3,
RCS5
16
R
1.43ohm, 1%, 1206
9C12063A1R43FGHFT
Yageo
2
RCS7, RCS8
17
R
100ohm, 1%, 0805
MCR10EZHF1000
Rohm
2
RF, RSYNC
18
R
120K, 1%, 1206
ERJ-8ENF1203V
Panasonic
1
ROV1
19
R
10K, 1%, 1206
ERJ-8ENF1002V
Panasonic
1
ROV2
20
R
3.3K, 5%, 1206
ERJ-8GEYJ332V
Panasonic
1
ROV3
21
R
10Ohm, 5%, 1206
ERJ-8GEYJ100V
Panasonic
1
RVCC
22
R
1K, 5%, 1W
5073NW1K000J12AFX
Phoenix Passive
1
RS2
23
R
47K, 5%, 1W
5073NW47K00J12AFX
Phoenix Passive
1
RS3
24
R
56K, 5%, 1W
5073NW56K00J12AFX
Phoenix Passive
1
RS1
25
R
3.3K, 5%, 1W
5073NW3K3000J12AFX
Phoenix Passive
1
RS4
26
R
5ohm, 5%, 1W
5073NW5R100J12AFX
Phoenix Passive
1
ROUT
27
IC
IRS2540/1/01/11
IRS2540/1/01/11
IR
1
In Socket
28
Socket
8 Pin DIP
2-641260-1
Amp
1
IC1
29
IC
LM431, SOT-23
LM431BIM3N1C
National Semi
1
IC2
30
Q
PN2907A, TO-92
PN2907A
Fairchild
1
Q1
31
M
200V, 16A, TO-220
IRFB17N20D
IR
1
M1
32
T
PC Compact, red
5005
Keystone
2
T1, T4
33
T
PC Compact, black
5006
Keystone
2
T2, T5
34
T
PC Compact, yellow
5009
Keystone
1
T3
35
H
Heatsink
7-340-1PP-BA
IERC
1
36
B
PCB
IRPLLED1 Rev D
1
37
J
Jumper, 10 Pos.
929836-09-05-ND
3M
1
Jset
38
J
Jumper, 2 Pos.
929836-09-02-ND
3M
1
Jdim
39
SJ
Shorting Jumper
STC02SYAN
Sullins Connectors
3
40
D
Not Fitted
DIFB
41
R
Not Fitted
RIFB
42
M
Not Fitted
M2
43
TH
TO-220 Insulating
Thermal Pad
SP600-54
Berquist
2
44
W
Shoulder Washer
3049
Berquist
2
45
SC
Screw, 4-40, 0.5", Zinc
H346-ND
Building Fasteners
1
46
N
Nut, 4-40, Hex, Zinc
H216-ND
Building Fasteners
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com