Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 19 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 19 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 15Page - International Rectifier IRPLLED1 Datasheet HTML 16Page - International Rectifier IRPLLED1 Datasheet HTML 17Page - International Rectifier IRPLLED1 Datasheet HTML 18Page - International Rectifier IRPLLED1 Datasheet HTML 19Page - International Rectifier IRPLLED1 Datasheet HTML 20Page - International Rectifier IRPLLED1 Datasheet HTML 21Page - International Rectifier IRPLLED1 Datasheet HTML 22Page - International Rectifier IRPLLED1 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
www.irf.com
19
RD-0608
s
kHz
HO
V
V
V
V
Cycle
Duty
on
in
out
μ
7
.
2
75
1
*
%
20
%
20
100
*
100
20
100
time
=
=
=
=
∗
=
If the IRS2540/1/01/11 is supplied from the output, a large enough capacitor on VCC is required to maintain
sufficient current while in a disabled state. For this evaluation board where the IC supply comes from the output, a
10uF capacitor is used to ensure continued operation while disabled. The output is capable of dropping to roughly
10V. A “strobe light” effect in the LEDs may be observed if VCC drops too much or if the dimming frequency is
too low.
Enable Duty Cycle Relationship to Light Output
0
10
20
30
40
50
60
70
80
90
100
0
1020304050
60
70
80
90
100
Percentage of Light Output
Fig. 23 Light Output vs Enable Pin Duty Cycle
Fig. 24 IRS2540 Dimming Signals
Since the IRS2540/1/01/11 does not include an onboard oscillator, a soft start feature is not easily implemented. This
is only a concern when operating in the dimming mode. Since PWM dimming is required of LEDs, the output is
essentially turning on and off at a rate of the dimming frequency. In the absence of soft start a large spike of current
would be observed in the load each time the output is turned on. This current spike stresses the load possibly
decreasing LED operating lifetime. The IRPLLED1 includes a jumper setting to define whether or not the board is
being used in the dimming mode. This two position jumper allows the designer to either include or exclude the
resistor Rout, which is in series with the output capacitor. The inclusion of this resistor will sufficiently damp the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com