Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 11 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 7Page - International Rectifier IRPLLED1 Datasheet HTML 8Page - International Rectifier IRPLLED1 Datasheet HTML 9Page - International Rectifier IRPLLED1 Datasheet HTML 10Page - International Rectifier IRPLLED1 Datasheet HTML 11Page - International Rectifier IRPLLED1 Datasheet HTML 12Page - International Rectifier IRPLLED1 Datasheet HTML 13Page - International Rectifier IRPLLED1 Datasheet HTML 14Page - International Rectifier IRPLLED1 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.irf.com
11
RD-0608
Fig. 15 Iout = 350mA, Vin = 100V, Vout = 16.85V, L = 470uH, COUT = 33uF
Since the system is operating in a free running hysteretic mode, the frequency will adjust to whatever point
maintains the regulation of the load current. Since there are fixed delays and a fixed dead time within the
IRS2540/1/01/11 controller, the current monitored at the IFB input always overshoots the threshold before the
system switches from the energy store phase to the energy release phase. The current must also undershoot the
threshold before the system switches back to the energy storage phase. These inherent delays in the system mean
that the inductor L1 and capacitor COUT (if used) must be selected to maintain a low enough frequency to minimize
this overshoot and undershoot. Output ripple is determined by overshoot and undershoot, which become greater as
frequency increases.
The inductor for the IRPLLED1 evaluation board was selected to supply the maximum output current of 1.5A. Due
to constraints of size a value of 470uH was chosen, which provides good performance. The IRPLLED1 may be used
with or without the output capacitor COUT connected. If COUT is not connected the system runs at higher
frequency and consequently with reduced efficiency due to switching losses.
Because of these considerations an inductor of 470uH and an output capacitance of 33uF were chosen to
accommodate the 1.5A load current. The current ripple associated with 470uH is relatively small so the board can
be operated with or without output capacitance at the lower current ratings.
5. MOSFET vs Diode for the low side switch
The IRS2540/1/01/11 has been designed so that it can drive a low side MOSFET and a high side MOSFET.
Alternatively the low side FET can be replaced by a freewheeling diode as shown in Fig. 16. This may yield a lower
cost system, but there are some efficiency tradeoffs to be considered, particularly for higher load currents. The
system efficiency is directly influenced by several system parameters including operating frequency, load current,
and input voltage.
In this evaluation board a fast recovery power diode is used for the lower switch.
A major parameter to consider is the reverse recovery time of the diode in comparison to the body diode of the FET
it replaces. The diode intrinsically has a much shorter reverse recovery time since the device is specifically designed
for this, where as the body diode is a parasitic element that originates from basic processing technology and
typically has inferior characteristics, in terms of forward drop, reverse recovery, and power handling capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com