Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 13 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 9Page - International Rectifier IRPLLED1 Datasheet HTML 10Page - International Rectifier IRPLLED1 Datasheet HTML 11Page - International Rectifier IRPLLED1 Datasheet HTML 12Page - International Rectifier IRPLLED1 Datasheet HTML 13Page - International Rectifier IRPLLED1 Datasheet HTML 14Page - International Rectifier IRPLLED1 Datasheet HTML 15Page - International Rectifier IRPLLED1 Datasheet HTML 16Page - International Rectifier IRPLLED1 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.irf.com
13
RD-0608
If a MOSFET is used for the lower switch, reverse recovery losses are incurred during the dead time after the low
side MOSFET has been on and conducting current. During this dead time the low side MOSFET is off, but the body
diode is freewheeling and providing current to the load. Since the body diode is conducting current, carriers are
present and will eventually need to be recombined leading to reverse recovery delay. When the high side MOSFET
turns on the VS node is very rapidly pulled from COM to VBUS and the low side MOSFET or the freewheeling
diode conducts current from VS to ground due to the reverse recovery effect resulting in power losses. This can
result in overheating of the low side switching component and component stress, as can be seen in Fig. 17 to 18.
Since the power diode has a much shorter reverse recovery time the diode will conduct current for a significantly
shorter period and exhibit lower power losses. At lower frequency and reduced load current, the long recovery time
associated with the MOSFET body diode may not be an issue. For higher frequency higher current applications a
diode could provide lower power losses with respect to a MOSFET.
With a low side MOSFET fitted to the IRPLLED1 evaluation board reverse recovery current peaks 8A were
measured. This resulted in a temperature rise which could be reduced by replacing the low side MOSFET with an
appropriate freewheeling diode. The reverse recovery current peaks were reduced to 4.5A. The frequency was also
selected to keep the diode reverse recovery associated power losses low.
With the inclusion of a freewheeling diode instead of a low side MOSFET comes the need for an alternative means
of pre-charging the bootstrap capacitor CBOOT at startup. RS3 and RS4 provide a current path from the DC bus to
VB and from the output to COM in order to accomplish this. After the IRS2540/1/01/11 begins to switch and the
high side Buck MOSFET switches off after the first cycle, the voltage at VS transitions to 0V/COM due to the
freewheeling action of the lower diode. this allows CBOOT to charge through DBOOT in the normal way and this
operation is repeated every cycle. RS4 represents only a small power loss if the output voltage is below 30V,
however for higher output voltages a low side MOSFET is necessary.
Fig. 17 Using a low side FET, Vin = 100V, Iout = 1.5A, Vout = 17V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com