Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLED1 Datasheet(PDF) 6 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 2Page - International Rectifier IRPLLED1 Datasheet HTML 3Page - International Rectifier IRPLLED1 Datasheet HTML 4Page - International Rectifier IRPLLED1 Datasheet HTML 5Page - International Rectifier IRPLLED1 Datasheet HTML 6Page - International Rectifier IRPLLED1 Datasheet HTML 7Page - International Rectifier IRPLLED1 Datasheet HTML 8Page - International Rectifier IRPLLED1 Datasheet HTML 9Page - International Rectifier IRPLLED1 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.irf.com
6
RD-0608
Fig. 6 Vbus = 100V, L1 = 470uH, COUT = 33uF
3. Frequency selection
The frequency in the IRS2540/1/01/11 application is free running and maintains current regulation by quickly
adapting to changes in input and output voltages. There is no need for additional external components to set the
frequency as seen in other controllers. The frequency is determined by L1 and COUT, as well as the input/output
voltages and load current. The selection of the frequency is a trade-off between system efficiency, current control
regulation, size, and cost.
The higher the frequency, the smaller and lower the cost of L1 and COUT, the higher the ripple, the higher the FET
switching losses, which becomes the driving factor as VBUS increases to higher voltages, the higher the component
stresses and the harder it is to control the output current.
4. Output L1 and COUT selection
In order to maintain good output current regulation with minimum ripple, the value of L1 needs to be adequately
sized. COUT is optional and can also be used for energy storage, which allows the converter to run at a lower
frequency. Excess ripple at the output results in high peak currents that are undesirable for driving high power LEDs
and also negates the ability of the system to accurately regulate the average current.
First, the effect of the inductor in a configuration with no output capacitor will be considered to clearly demonstrate
the impact of the inductor. In this case, the load current is identical to the inductor current. Fig. 7 shows how the
inductor value influences the frequency over a range of input voltages. As can be seen, the input voltage also has a
great effect on the frequency. The inductor value reduces the frequency for lower input voltages.
0
200
400
600
800
1000
1200
1400
1600
10
15
20
25
30
Vout (V)
350mA
700mA
1A
1.5A
±0.25%
±0.13%
±0.17%
±0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com