Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 34 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 34 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 30Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 31Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 32Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 33Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 34Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 35Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 36Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 37Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 38Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Semiconductor Group
34
1998-05-01
C161RI
DC Characteristics
V
DD = 4.5 - 5.5 V;
V
SS = 0 V;
f
CPU = 20 MHz
T
A = 0 to + 70 °C
for SAB-C161RI
T
A = – 40 to + 85 °C
for SAF-C161RI
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Input low voltage
(P3.0, P3.1, P6.5, P6.6, P6.7)
V
IL1
SR
– 0.5
0.3
V
DD
V–
Input low voltage
(TTL)
V
IL
SR
– 0.5
0.2
V
DD
– 0.1
V–
Input low voltage
(Special Threshold)
V
ILS
SR
– 0.5
2.0
V
–
Input high voltage RSTIN
V
IH1
SR
0.6
V
DD
V
DD + 0.5
V
–
Input high voltage XTAL1,
P3.0, P3.1, P6.5, P6.6, P6.7
V
IH2
SR
0.7
V
DD
V
DD + 0.5
V
–
Input high voltage
(TTL)
V
IH
SR
0.2
V
DD
+ 0.9
V
DD + 0.5
V
–
Input high voltage
(Special Threshold)
V
IHS
SR
0.8
V
DD
– 0.2
V
DD + 0.5
V
–
Input Hysteresis
(Special Threshold)
HYS
400
–
mV
–
Output low voltage
(PORT0, PORT1, Port 4, ALE, RD,
WR, BHE, CLKOUT, RSTOUT)
V
OL
CC
–0.45
V
I
OL = 2.4 mA
Output low voltage
(P3.0, P3.1, P6.5, P6.6, P6.7)
V
OL2
CC
–0.4
V
I
OL2 = 3 mA
Output low voltage
(all other outputs)
V
OL1
CC
–0.45
V
I
OL1 = 1.6 mA
Output high voltage
(PORT0, PORT1, Port 4, ALE, RD,
WR, BHE, CLKOUT, RSTOUT)
V
OH
CC
0.9
V
DD
2.4
–V
I
OH = – 500 µA
I
OH = – 2.4 mA
Output high voltage 1)
(all other outputs)
V
OH1
CC
0.9
V
DD
2.4
–V
V
I
OH = – 250 µA
I
OH = – 1.6 mA
Input leakage current (Port 5)
I
OZ1
CC
–
± 200
nA
0.45 V <
V
IN < VDD
Input leakage current (all other)
I
OZ2
CC
–
± 500
nA
0.45 V <
V
IN < VDD
Overload current
I
OV
SR
–
± 5mA
5) 8)
RSTIN pullup resistor
R
RST
CC
50
250
k
Ω
–
Read/Write inactive current 4)
I
RWH
2)
–– 40
µA
V
OUT = 2.4 V
Read/Write active current 4)
I
RWL
3)
–500
–
µA
V
OUT = VOLmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com