Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 31 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 31 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 27Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 28Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 29Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 30Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 31Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 32Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 33Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 34Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 35Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Semiconductor Group
31
1998-05-01
C161RI
S0TIC
b FF6CH
B6H
Serial Channel 0 Transmit Interrupt Control
Register
0000H
SP
FE12H
09H
CPU System Stack Pointer Register
FC00H
SSCBR
F0B4H E 5AH
SSC Baudrate Register
0000H
SSCCON
b FFB2H
D9H
SSC Control Register
0000H
SSCEIC
b FF76H
BBH
SSC Error Interrupt Control Register
0000H
SSCRB
F0B2H E 59H
SSC Receive Buffer (read only)
XXXXH
SSCRIC
b FF74H
BAH
SSC Receive Interrupt Control Register
0000H
SSCTB
F0B0H E 58H
SSC Transmit Buffer (write only)
0000H
SSCTIC
b FF72H
B9H
SSC Transmit Interrupt Control Register
0000H
STKOV
FE14H
0AH
CPU Stack Overflow Pointer Register
FA00H
STKUN
FE16H
0BH
CPU Stack Underflow Pointer Register
FC00H
SYSCON
b FF12H
89H
CPU System Configuration Register
0XX0H
1)
SYSCON2 b F1D0H E E8H
CPU System Configuration Register 2
0000H
SYSCON3 b F1D4H E EAH
CPU System Configuration Register 3
0000H
T14
F0D2H E 69H
RTC Timer 14 Register
no
T14REL
F0D0H E 68H
RTC Timer 14 Reload Register
no
T2
FE40H
20H
GPT1 Timer 2 Register
0000H
T2CON
b FF40H
A0H
GPT1 Timer 2 Control Register
0000H
T2IC
b FF60H
B0H
GPT1 Timer 2 Interrupt Control Register
0000H
T3
FE42H
21H
GPT1 Timer 3 Register
0000H
T3CON
b FF42H
A1H
GPT1 Timer 3 Control Register
0000H
T3IC
b FF62H
B1H
GPT1 Timer 3 Interrupt Control Register
0000H
T4
FE44H
22H
GPT1 Timer 4 Register
0000H
T4CON
b FF44H
A2H
GPT1 Timer 4 Control Register
0000H
T4IC
b FF64H
B2H
GPT1 Timer 4 Interrupt Control Register
0000H
T5
FE46H
23H
GPT2 Timer 5 Register
0000H
T5CON
b FF46H
A3H
GPT2 Timer 5 Control Register
0000H
T5IC
b FF66H
B3H
GPT2 Timer 5 Interrupt Control Register
0000H
T6
FE48H
24H
GPT2 Timer 6 Register
0000H
T6CON
b FF48H
A4H
GPT2 Timer 6 Control Register
0000H
T6IC
b FF68H
B4H
GPT2 Timer 6 Interrupt Control Register
0000H
TFR
b FFACH
D6H
Trap Flag Register
0000H
Name
Physical
Address
8-Bit
Address
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com