Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 28 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 28 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 24Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 25Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 26Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 27Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 28Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 29Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 30Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 31Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 32Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Semiconductor Group
28
1998-05-01
C161RI
Special Function Registers Overview
The following table lists all SFRs which are implemented in the C161RI in alphabetical order.
Bit-addressable SFRs are marked with the letter “b” in column “Name”. SFRs within the Extended
SFR-Space (ESFRs) are marked with the letter “E” in column “Physical Address”. Registers within
on-chip X-Peripherals (I2C) are marked with the letter “X” in column “Physical Address”.
An SFR can be specified via its individual mnemonic name. Depending on the selected addressing
mode, an SFR can be accessed via its physical address (using the Data Page Pointers), or via its
short 8-bit address (without using the Data Page Pointers).
Name
Physical
Address
8-Bit
Address
Description
Reset
Value
ADCIC
b FF98H
CCH
A/D Converter End of Conversion Interrupt
Control Register
0000H
ADCON
b FFA0H
D0H
A/D Converter Control Register
0000H
ADDAT
FEA0H
50H
A/D Converter Result Register
0000H
ADDRSEL1
FE18H
0CH
Address Select Register 1
0000H
ADDRSEL2
FE1AH
0DH
Address Select Register 2
0000H
ADDRSEL3
FE1CH
0EH
Address Select Register 3
0000H
ADDRSEL4
FE1EH
0FH
Address Select Register 4
0000H
ADEIC
b FF9AH
CDH
A/D Converter Overrun Error Interrupt Control
Register
0000H
BUSCON0 b FF0CH
86H
Bus Configuration Register 0
0000H
BUSCON1 b FF14H
8AH
Bus Configuration Register 1
0000H
BUSCON2 b FF16H
8BH
Bus Configuration Register 2
0000H
BUSCON3 b FF18H
8CH
Bus Configuration Register 3
0000H
BUSCON4 b FF1AH
8DH
Bus Configuration Register 4
0000H
CAPREL
FE4AH
25H
GPT2 Capture/Reload Register
0000H
CC8IC
b FF88H
C4H
External Interrupt 0 Control Register
0000H
CC9IC
b FF8AH
C5H
External Interrupt 1 Control Register
0000H
CC10IC
b FF8CH
C6H
External Interrupt 2 Control Register
0000H
CC11IC
b FF8EH
C7H
External Interrupt 3 Control Register
0000H
CC12IC
b FF90H
C8H
External Interrupt 4 Control Register
0000H
CC13IC
b FF92H
C9H
External Interrupt 5 Control Register
0000H
CC14IC
b FF94H
CAH
External Interrupt 6 Control Register
0000H
CC15IC
b FF96H
CBH
External Interrupt 7 Control Register
0000H
CP
FE10H
08H
CPU Context Pointer Register
FC00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com