Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 35Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 36Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 37Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 38Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 39Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 40Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 41Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 42Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Semiconductor Group
39
1998-05-01
C161RI
The table below associates the combinations of these three bits with the respective clock generation
mode.
1) The maximum frequency depends on the duty cycle of the external clock signal.
Prescaler Operation
When pins P0.15-13 (P0H.7-5) equal ‘001’ during reset the CPU clock is derived from the internal
oscillator (input clock signal) by a 2:1 prescaler.
The frequency of
f
CPU is half the frequency of fXTAL and the high and low time of fCPU (i.e. the duration
of an individual TCL) is defined by the period of the input clock
f
XTAL.
The timings listed in the AC Characteristics that refer to TCLs therefore can be calculated using the
period of
f
XTAL for any TCL.
Direct Drive
When pins P0.15-13 (P0H.7-5) equal ‘011’ during reset the on-chip phase locked loop is disabled
and the CPU clock is directly driven from the internal oscillator with the input clock signal.
The frequency of
f
CPU directly follows the frequency of fXTAL so the high and low time of fCPU (i.e. the
duration of an individual TCL) is defined by the duty cycle of the input clock
f
XTAL.
The timings listed below that refer to TCLs therefore must be calculated using the minimum TCL
that is possible under the respective circumstances. This minimum value can be calculated via the
following formula:
TCLmin = 1/fXTAL × DCmin
(DC = duty cycle)
For two consecutive TCLs the deviation caused by the duty cycle of
f
XTAL is compensated so the
duration of 2TCL is always 1/
f
XTAL. The minimum value TCL
min therefore has to be used only once
for timings that require an odd number of TCLs (1,3,...). Timings that require an even number of
TCLs (2,4,...) may use the formula 2TCL = 1/
f
XTAL.
Note: The address float timings in Multiplexed bus mode (
t11 and t45) use the maximum duration of
TCL (TCLmax = 1/fXTAL × DCmax) instead of TCLmin.
C161RI Clock Generation Modes
P0.15-13
(P0H.7-5)
CPU Frequency
f
CPU =
f
XTAL × F
Notes
1
1
1
Reserved
Default configuration without pull-downs
110
Reserved
101
Reserved
100
Reserved
011
f
XTAL × 1
Direct drive 1)
010
Reserved
001
f
XTAL / 2
CPU clock via prescaler
000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com