Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 14 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 14 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 10Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 11Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 12Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 13Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 14Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 15Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 16Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 17Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 18Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Semiconductor Group
14
1998-05-01
C161RI
Central Processing Unit (CPU)
The main core of the CPU consists of a 4-stage instruction pipeline, a 16-bit arithmetic and logic unit
(ALU) and dedicated SFRs. Additional hardware has been spent for a separate multiply and divide
unit, a bit-mask generator and a barrel shifter.
Based on these hardware provisions, most of the C161RI’s instructions can be executed in just one
machine cycle which requires 125 ns at 16 MHz CPU clock. For example, shift and rotate
instructions are always processed during one machine cycle independent of the number of bits to
be shifted. All multiple-cycle instructions have been optimized so that they can be executed very fast
as well: branches in 2 cycles, a 16
× 16 bit multiplication in 5 cycles and a 32-/16 bit division in
10 cycles. Another pipeline optimization, the so-called ‘Jump Cache’, allows reducing the execution
time of repeatedly performed jumps in a loop from 2 cycles to 1 cycle.
Figure 5
CPU Block Diagram
MCB02147
CPU
SP
STKOV
STKUN
Instr. Reg.
Instr. Ptr.
Exec. Unit
4-Stage
Pipeline
MDH
MDL
PSW
SYSCON
Context Ptr.
Mul/Div-HW
R15
R0
General
Purpose
Registers
Bit-Mask Gen
Barrel - Shifter
ALU
(16-bit)
Data Page Ptr.
Code Seg. Ptr.
Internal
RAM
R15
R0
ROM
16
16
32
BUSCON 0
BUSCON 1
BUSCON 2
BUSCON 3
BUSCON 4
ADDRSEL 4
ADDRSEL 3
ADDRSEL 2
ADDRSEL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com