Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 29 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 29 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 25Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 26Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 27Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 28Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 29Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 30Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 31Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 32Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 33Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Semiconductor Group
29
1998-05-01
C161RI
CRIC
b FF6AH
B5H
GPT2 CAPREL Interrupt Control Register
0000H
CSP
FE08H
04H
CPU Code Segment Pointer Register
(8 bits, not directly writeable)
0000H
DP0L
b F100H E 80H
P0L Direction Control Register
00H
DP0H
b F102H E 81H
P0H Direction Control Register
00H
DP1L
b F104H E 82H
P1L Direction Control Register
00H
DP1H
b F106H E 83H
P1H Direction Control Register
00H
DP2
b FFC2H
E1H
Port 2 Direction Control Register
0000H
DP3
b FFC6H
E3H
Port 3 Direction Control Register
0000H
DP4
b FFCAH
E5H
Port 4 Direction Control Register
00H
DP6
b FFCEH
E7H
Port 6 Direction Control Register
00H
DPP0
FE00H
00H
CPU Data Page Pointer 0 Register (10 bits)
0000H
DPP1
FE02H
01H
CPU Data Page Pointer 1 Register (10 bits)
0001H
DPP2
FE04H
02H
CPU Data Page Pointer 2 Register (10 bits)
0002H
DPP3
FE06H
03H
CPU Data Page Pointer 3 Register (10 bits)
0003H
EXICON
b F1C0H E E0H
External Interrupt Control Register
0000H
ICADR
ED06H X ---
I2C Address Register
0XXXH
ICCFG
ED00H X ---
I2C Configuration Register
XX00H
ICCON
ED02H X ---
I2C Control Register
0000H
ICRTB
ED08H X ---
I2C Receive/Transmit Buffer
XXH
ICST
ED04H X ---
I2C Status Register
0000H
IDCHIP
F07CH E 3EH
Identifier
09XXH
IDMANUF
F07EH E 3FH
Identifier
1820H
IDMEM
F07AH E 3DH
Identifier
0000H
IDPROG
F078H E 3CH
Identifier
0000H
ISNC
b F1DEH E EFH
Interrupt Subnode Control Register
0000H
MDC
b FF0EH
87H
CPU Multiply Divide Control Register
0000H
MDH
FE0CH
06H
CPU Multiply Divide Register – High Word
0000H
MDL
FE0EH
07H
CPU Multiply Divide Register – Low Word
0000H
ODP2
b F1C2H E E1H
Port 2 Open Drain Control Register
0000H
ODP3
b F1C6H E E3H
Port 3 Open Drain Control Register
0000H
ODP6
b F1CEH E E7H
Port 6 Open Drain Control Register
00H
ONES
b FF1EH
8FH
Constant Value 1’s Register (read only)
FFFFH
Name
Physical
Address
8-Bit
Address
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com