Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 7Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 8Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 9Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 10Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 11Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 12Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 13Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 14Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Semiconductor Group
11
1998-05-01
C161RI
Functional Description
The C161RI is a low cost downgrade of the high performance microcontroller C167CR with OTP or
internal ROM, reduced peripheral functionality and a high performance Capture Compare Unit with
an additional functionality.
The architecture of the C161RI combines advantages of both RISC and CISC processors and of
advanced peripheral subsystems in a very well-balanced way. The following block diagram gives an
overview of the different on-chip components and of the advanced, high bandwidth internal bus
structure of the C161RI.
Note: All time specifications refer to a CPU clock of 16 MHz
(see definition in the AC Characteristics section).
Figure 4
Block Diagram
‚
v‡r…hy
SPH
D†‡…9h‡h
3(&
&38 &RUH
D‡r……ˆƒ‡Ã7ˆ†
D‡r…hy
S6H
ÃF7’‡r
9
ˆh
yÃQ
‚…
‡
Q‚…‡Ã!
Q‚…‡Ã"
Q‚…‡Ã#
Q‚…‡Ã
'
%
%
9h‡h
9h‡h

Xh‡puq‚t
Q‚…‡Ã$
%
8 % SDÃÃW
&38
&&RUH
;
%
8
6
Ã
%
iv
‡ÃI
P
I
ÃH
V
Y
Ã9
h‡
hÃ
Ã6
qq
…r
††
r†

%
@‘‡r…hyÃD†‡…9h‡h
%
VT6SU
6T8
T’p
8uhry
TQD
TT8
YU6G
$
7SB
7SB
%
Qr…vƒur…hyÃ9h‡h
Ã
BQUÃ
UÃ"
UÃ#
UÃ!
YS6H
!ÃF7’‡r
BQUÃ!
UÃ%
UÃ$
Dð87ˆ†
D‡r…shpr
%
,QWHUUXSW &RQWUROOHU
Ãr‘‡ÃDS
ÃPT8
vƒˆ‡)à %HC“0
ƒ…r†phyr…
‚…Ãqv…rp‡Ãq…v‰r
@‘‡r…hy
7ˆ†
HVY
‚y’ÃÉ
Y7VT
8‚‡…‚y
8TÃG‚tvp
#Ã8T
%
Q
‚…
‡Ã
Q
‚…
‡Ã%
'
&
#
8uhry
'iv‡
698
SU8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com