Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 3Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 4Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 5Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 6Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 7Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 8Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 9Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 10Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Semiconductor Group
7
1998-05-01
C161RI
Pin Definitions and Functions
Symbol
Pin No.
TQFP
Pin No.
MQFP
Input
Outp
Function
P5.0 –
P5.3,
P5.14 –
P5.15
97 –
100,
1 –
2
99 –
2,
3 –
4
I
I
I
I
Port 5
is
a
6-bit
input-only
port
with
Schmitt-Trigger
characteristics. The pins of Port 5 also serve as the (up to 4)
analog input channels for the A/D converter, where P5.x
equals ANx (Analog input channel x, x=0...3).
The following pins of Port 5 also serve as timer inputs:
P5.14
T4EUD
GPT1 Timer T4 Ext.Up/Down Ctrl.Input
P5.15
T2EUD
GPT1 Timer T5 Ext.Up/Down Ctrl.Input
XTAL1
XTAL2
4
5
6
7
I
O
XTAL1:
Input to the oscillator amplifier and input to the
internal clock generator
XTAL2:
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1,
while leaving XTAL2 unconnected. Minimum and maximum
high/low
and
rise/fall
times
specified
in
the
AC
Characteristics must be observed.
P3.0 –
P3.13,
P3.15
7 –
20,
21
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
9 –
22,
23
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
I/O
I/O
I/O
I/O
I/O
I
O
I
I
I
I
I/O
I/O
O
I/O
O
O
I/O
O
Port 3 is a 15-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
The following Port 3 pins also serve for alternate functions:
P3.0
SCL0
I2C Bus Clock Line 0
P3.1
SDA0
I2C Bus Data Line 0
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
P3.3
T3OUT
GPT1 Timer T3 Toggle Latch Output
P3.4
T3EUD
GPT1 Timer T3 Ext.Up/Dwn Ctrl.Input
P3.5
T4IN
GPT1 Timer T4 Input for
Count/Gate/Reload/Capture
P3.6
T3IN
GPT1 Timer T3 Count/Gate Input
P3.7
T2IN
GPT1 Timer T2 Input for
Count/Gate/Reload/Capture
P3.8
MRST
SSC Master-Rec./Slave-Transmit I/O
P3.9
MTSR
SSC Master-Transmit/Slave-Rec. O/I
P3.10
T
×D0
ASC0 Clock/Data Output (Asyn./Syn.)
P3.11
R
×D0
ASC0 Data Input (Asyn.) or I/O (Syn.)
P3.12
BHE
Ext. Memory High Byte Enable Signal,
WRH
Ext. Memory High Byte Write Strobe
P3.13
SCLK
SSC Master Clock Outp./Slave Cl. Inp.
P3.15
CLKOUT
System Clock Output (=CPU Clock)
Note:
Pins P3.0 and P3.1 are open drain outputs only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com