Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 6Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 7Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 8Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 9Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 10Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 11Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 12Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 13Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Semiconductor Group
10
1998-05-01
C161RI
1) The following behavior differences must be observed when the bidirectional reset is active:
q
Bit BDRSTEN in register SYSCON cannot be changed after EINIT.
q
After a reset bit BDRSTEN is cleared.
q
The reset indication flags always indicate a long hardware reset.
q
The PORT0 configuration is treated like on a hardware reset. Especially the bootstrap loader
may be activated when P0L.4 is low.
q
Pin RSTIN may only be connected to external reset devices with an open drain output driver.
q
A short hardware reset is extended to the duration of the internal reset sequence.
P6.0 –
P6.7
79 –
86
79
...
83
84
85
86
81 –
88
81
...
85
86
87
88
I/O
I/O
O
...
O
I/O
I/O
I/O
Port 6 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
The Port 6 pins also serve for alternate functions:
P6.0
CS0
Chip Select 0 Output
...
...
...
P6.4
CS4
Chip Select 4 Output
P6.5
SDA1
I2C Bus Data Line 1
P6.6
SCL1
I2C Bus Clock Line 1
P6.7
SDA2
I2C Bus Data Line 2
Note:
Pins P6.5-P6.7 are open drain outputs only.
P2.8 –
P2.15
87 –
94
87
...
94
89 –
96
89
...
96
I/O
I/O
I
...
I
Port 2 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
The following Port 2 pins also serve for alternate functions:
P2.8
EX0IN
Fast External Interrupt 0 Input
...
...
...
P2.15
EX7IN
Fast External Interrupt 7 Input
V
AREF
95
97
-
Reference voltage for the A/D converter.
V
AGND
96
98
-
Reference ground for the A/D converter.
V
DD
6, 23,
37, 47,
65, 75
8, 25,
39, 49,
67, 77
-
Digital Supply Voltage:
+ 5 V during normal operation and idle mode.
≥ 2.5 V during power down mode
V
SS
3, 22,
36, 46,
64, 74
5, 24,
38, 48,
66, 76
-
Digital Ground.
Pin Definitions and Functions (cont’d)
Symbol
Pin No.
TQFP
Pin No.
MQFP
Input
Outp
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com