Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 9Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 10Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 11Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 12Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 13Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 14Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 15Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 16Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Semiconductor Group
13
1998-05-01
C161RI
External Bus Controller
All of the external memory accesses are performed by a particular on-chip External Bus Controller
(EBC). It can be programmed either to Single Chip Mode when no external memory is required, or
to one of four different external memory access modes, which are as follows:
– 16-/18-/20-/23-bit Addresses, 16-bit Data, Demultiplexed
– 16-/18-/20-/23-bit Addresses, 16-bit Data, Multiplexed
– 16-/18-/20-/23-bit Addresses, 8-bit Data, Multiplexed
– 16-/18-/20-/23-bit Addresses, 8-bit Data, Demultiplexed
In the demultiplexed bus modes, addresses are output on PORT1 and data is input/output on
PORT0 or P0L, respectively. In the multiplexed bus modes both addresses and data use PORT0 for
input/output.
Important timing characteristics of the external bus interface (Memory Cycle Time, Memory
Tri-State Time, Length of ALE and Read Write Delay) have been made programmable to allow the
user the adaption of a wide range of different types of memories and external peripherals.
In addition, up to 4 independent address windows may be defined (via register pairs ADDRSELx /
BUSCONx) which allow to access different resources with different bus characteristics. These
address windows are arranged hierarchically where BUSCON4 overrides BUSCON3 and
BUSCON2 overrides BUSCON1. All accesses to locations not covered by these 4 address windows
are controlled by BUSCON0.
Up to 5 external CS signals (4 windows plus default) can be generated in order to save external glue
logic. Access to very slow memories is supported via a particular ‘Ready’ function.
For applications which require less than 8 MBytes of external memory space, this address space
can be restricted to 1 MByte, 256 KByte or to 64 KByte. In this case Port 4 outputs four, two or no
address lines at all. It outputs all 7 address lines, if an address space of 8 MBytes is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com