Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 35 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 35 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 31Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 32Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 33Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 34Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 35Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 36Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 37Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 38Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 39Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Semiconductor Group
35
1998-05-01
C161RI
ALE inactive current 4)
I
ALEL
2)
–40
µA
V
OUT = VOLmax
ALE active current 4)
I
ALEH
3)
500
–
µA
V
OUT = 2.4 V
Port 6 inactive current 4)
I
P6H
2)
–– 40
µA
V
OUT = 2.4 V
Port 6 active current 4)
I
P6L
3)
– 500
–
µA
V
OUT = VOL1max
PORT0 configuration current 4)
I
P0H
2)
–– 10
µA
V
IN = VIHmin
I
P0L
3)
–100
–
µA
V
IN = VILmax
XTAL1 input current
I
IL
CC
–
± 20
µA0 V < V
IN < VDD
Pin capacitance 5)
(digital inputs/outputs)
C
IO
CC
–10
pF
f = 1 MHz
T
A = 25 °C
Power supply current (active)
with all peripherals active
I
DD
–7 +
3
× f
CPU
mA
RSTIN =
V
IL2
f
CPU in [MHz]
6)
Idle mode supply current
with all peripherals active
I
IDX
–3 +
1.1
× f
CPU
mA
RSTIN =
V
IH1
f
CPU in [MHz]
6)
Idle mode supply current
with all peripherals deactivated,
PLL off, SDD factor = 32
I
IDO
–
500 +
50
× f
OSC
9)
µARSTIN = V
IH1
f
OSC in [MHz]
6)
Power-down mode supply current
with RTC running
I
PDR
–
100 +
25
× f
OSC
9)
µA
V
DD = 5.5 V
f
OSC in [MHz]
7)
Power-down mode supply current
with RTC disabled
I
PDO
–50
µA
V
DD = 5.5 V
7)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com