Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 4Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 5Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 6Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 7Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 8Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 9Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 10Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 11Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Semiconductor Group
8
1998-05-01
C161RI
P4.0 –
P4.6
24 –
30
24
...
30
26 -
32
26
...
32
I/O
I/O
O
...
O
Port 4 is a 7-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
In case of an external bus configuration, Port 4 can be used
to output the segment address lines:
P4.0
A16
Least Significant Segment Addr. Line
...
...
...
P4.6
A22
Most Significant Segment Addr. Line
RD
31
33
O
External Memory Read Strobe. RD is activated for every
external instruction or data read access.
WR/WRL 32
34
O
External Memory Write Strobe. In WR-mode this pin is
activated for every external data write access. In WRL-mode
this pin is activated for low byte data write accesses on a 16-
bit bus, and for every data write access on an 8-bit bus. See
WRCFG in register SYSCON for mode selection.
READY
33
35
I
Ready Input. When the Ready function is enabled, a high
level at this pin during an external memory access will force
the insertion of memory cycle time waitstates until the pin
returns to a low level.
ALE
34
36
O
Address Latch Enable Output. Can be used for latching the
address into external memory or an address latch in the
multiplexed bus modes.
EA
35
37
I
External Access Enable pin. A low level at this pin during and
after Reset forces the C161RI to begin instruction execution
out of external memory. A high level forces execution out of
the internal ROM. The C161RI must have this pin tied to ‘0’.
Note: This pin is expected to be used to accept the
programming voltage for OTP versions of the C161RI.
Pin Definitions and Functions (cont’d)
Symbol
Pin No.
TQFP
Pin No.
MQFP
Input
Outp
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com