Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 41 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 41 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 37Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 38Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 39Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 40Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 41Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 42Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 43Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 44Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 45Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Semiconductor Group
41
1998-05-01
C161RI
A/D Converter Characteristics
V
DD = 4.5 - 5.5 V;
V
SS = 0 V
T
A = 0 to + 70 °C
for SAB-C161RI
T
A = – 40 to + 85 °C
for SAF-C161RI
4.0 V
≤ V
AREF ≤ VDD + 0.1 V; VSS - 0.1 V ≤ VAGND ≤ VSS + 0.2 V
The conversion time of the C161RI’s A/D Converter is programmable. The table below should be
used to calculate the above timings.
The limit values for
f
BC must not be exceeded when selecting ADCTC.
Converter Timing Example:
Assumptions:
f
CPU
= 16 MHz (i.e.
t
CPU = 62.5 ns), ADCTC = ‘01’.
Basic clock
f
BC
=
f
CPU / 4 = 4 MHz, i.e. tBC = 250 ns.
Sample time
t
S
=
t
BC × 6 = 1500 ns.
Conversion time
t
C
= 30
t
BC + 2 tCPU = (7500 + 125) ns = 7.625 µs.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Analog input voltage range
V
AIN
SR
V
AGND
V
AREF
V
1)
Basic clock frequency
f
BC
0.5
4
MHz
2)
Sample time
t
S
CC –
6
t
BC
t
BC = 1 / fBC
Conversion time
t
C
CC –
30
t
BC
+ 2
t
CPU
3)
t
CPU = 1 / fCPU
Total unadjusted error
TUE CC –
± 2LSB 4)
Internal resistance of reference
voltage source
R
AREF SR
–
t
BC / 125
- 0.25
k
Ω
t
BC in [ns]
5) 6)
Internal resistance of analog
source
R
ASRC SR
–
t
S / 750
- 0.25
k
Ω
t
S in [ns]
6) 7)
ADC input capacitance
C
AIN
CC –
50
pF
6)
ADCON.15|14
(ADCTC)
A/D Converter Basic Clock
f
BC
2)
00
f
CPU / 2
01
f
CPU / 4
10
f
CPU / 8
11
f
CPU / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com