Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 23 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 23 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 19Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 20Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 21Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 22Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 23Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 24Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 25Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 26Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 27Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Semiconductor Group
23
1998-05-01
C161RI
A/D Converter
For analog signal measurement, an 8-bit A/D converter with 4 multiplexed input channels and a
sample and hold circuit has been integrated on-chip. It uses the method of successive
approximation. The sample time (for loading the capacitors) and the conversion time is
programmable and can so be adjusted to the external circuitry.
Overrun error detection is provided for the conversion result register (ADDAT): an interrupt request
will be generated when the result of a previous conversion has not been read from the result register
at the time the next conversion is complete.
For applications which require less than 4 analog input channels, the remaining channel inputs can
be used as digital input port pins.
The A/D converter of the C161RI supports two different conversion modes. In the standard Single
Channel conversion mode, the analog level on a specified channel is sampled once and converted
to a digital result. In the Single Channel Continuous mode, the analog level on a specified channel
is repeatedly sampled and converted without software intervention.
The 8-bit result can be left-aligned or right-aligned within a 10-bit result area.
The Peripheral Event Controller (PEC) may be used to automatically store the conversion results
into a table in memory for later evaluation, without requiring the overhead of entering and exiting
interrupt routines for each data transfer.
I2C Module
The integrated I2C Bus Module handles the transmission and reception of frames over the two-line
I2C bus in accordance with the I2C Bus specification. The on-chip I2C Module can receive and
transmit data using 7-bit or 10-bit addressing and it can operate in slave mode, in master mode or
in multi-master mode.
Several physical interfaces (port pins) can be established under software control. Data can be
transferred at speeds up to 400 Kbit/sec.
Two interrupt nodes dedicated to the I2C module allow efficient interrupt service and also support
operation via PEC transfers.
Note: The port pins associated with the I2C interfaces feature open drain drivers only, as required
by the I2C specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com