Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 19 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 19 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 15Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 16Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 17Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 18Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 19Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 20Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 21Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 22Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 23Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Semiconductor Group
19
1998-05-01
C161RI
General Purpose Timer (GPT) Unit
The GPT unit represents a very flexible multifunctional timer/counter structure which may be used
for many different time related tasks such as event timing and counting, pulse width and duty cycle
measurements, pulse generation, or pulse multiplication.
The GPT unit incorporates five 16-bit timers which are organized in two separate modules, GPT1
and GPT2. Each timer in each module may operate independently in a number of different modes,
or may be concatenated with another timer of the same module.
Each of the three timers T2, T3, T4 of module GPT1 can be configured individually for one of four
basic modes of operation, which are Timer, Gated Timer, Counter, and Incremental Interface Mode.
In Timer Mode, the input clock for a timer is derived from the CPU clock, divided by a programmable
prescaler, while Counter Mode allows a timer to be clocked in reference to external events.
Pulse width or duty cycle measurement is supported in Gated Timer Mode, where the operation of
a timer is controlled by the ‘gate’ level on an external input pin. For these purposes, each timer has
one associated port pin (TxIN) which serves as gate or clock input. The maximum resolution of the
timers in module GPT1 is 500 ns (@ 16 MHz CPU clock).
The count direction (up/down) for each timer is programmable by software or may additionally be
altered dynamically by an external signal on a port pin (TxEUD) to facilitate e.g. position tracking.
In Incremental Interface Mode the GPT1 timers (T2, T3, T4) can be directly connected to the
incremental position sensor signals A and B via their respective inputs TxIN and TxEUD. Direction
and count signals are internally derived from these two input signals, so the contents of the
respective timer Tx corresponds to the sensor position. The third position sensor signal TOP0 can
be connected to an interrupt input.
Timer T3 has an output toggle latch (T3OTL) which changes its state on each timer over-flow/
underflow. The state of this latch may be output on a port pin (T3OUT) e.g. for time out monitoring
of external hardware components, or may be used internally to clock timers T2 and T4 for
measuring long time periods with high resolution.
In addition to their basic operating modes, timers T2 and T4 may be configured as reload or capture
registers for timer T3. When used as capture or reload registers, timers T2 and T4 are stopped. The
contents of timer T3 are captured into T2 or T4 in response to a signal at their associated input pins
(TxIN). Timer T3 is reloaded with the contents of T2 or T4 triggered either by an external signal or
by a selectable state transition of its toggle latch T3OTL. When both T2 and T4 are configured to
alternately reload T3 on opposite state transitions of T3OTL with the low and high times of a PWM
signal, this signal can be constantly generated without software intervention.
With its maximum resolution of 250 ns (@ 16 MHz), the GPT2 module provides precise event
control and time measurement. It includes two timers (T5, T6) and a capture/reload register
(CAPREL). Both timers can be clocked with an input clock which is derived from the CPU clock via
a programmable prescaler. The count direction (up/down) for each timer is programmable by
software. Concatenation of the timers is supported via the output toggle latch (T6OTL) of timer T6,
which changes its state on each timer overflow/underflow.
The state of this latch may be used to clock timer T5. The overflows/underflows of timer T6 can
additionally be used to cause a reload from the CAPREL register. The CAPREL register may
capture the contents of timer T5 based on an external signal transition on the corresponding port pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com