Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161RI Datasheet(PDF) 33 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 33 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 29Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 30Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 31Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 32Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 33Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 34Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 35Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 36Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 37Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Semiconductor Group
33
1998-05-01
C161RI
Absolute Maximum Ratings
Ambient temperature under bias (
T
A):
SAB-C161RI ...................................................................................................................0 to + 70
°C
SAF-C161RI ..............................................................................................................– 40 to + 85
°C
Storage temperature (
T
ST)........................................................................................– 65 to + 150 °C
Voltage on
V
DD pins with respect to ground (VSS) ..................................................... – 0.5 to + 6.5 V
Voltage on any pin with respect to ground (
V
SS) ................................................. – 0.5 to VDD + 0.5 V
Input current on any pin during overload condition .................................................. – 10 to + 10 mA
Absolute sum of all input currents during overload condition ..............................................|100 mA|
Power dissipation..................................................................................................................... 1.5 W
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
During absolute maximum rating overload conditions (
V
IN > VDD or VIN < VSS) the voltage on
V
DD pins with respect to ground (VSS) must not exceed the values defined by the absolute
maximum ratings.
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the C161RI and partly
its demands on the system. To aid in interpreting the parameters right, when evaluating them for a
design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the C161RI will provide signals with the respective timing characteristics.
SR (System Requirement):
The external system must provide signals with the respective timing characteristics to the C161RI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com