Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 2Page - STMicroelectronics MTC20154 Datasheet HTML 3Page - STMicroelectronics MTC20154 Datasheet HTML 4Page - STMicroelectronics MTC20154 Datasheet HTML 5Page - STMicroelectronics MTC20154 Datasheet HTML 6Page - STMicroelectronics MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics MTC20154 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MTC20154
6/21
Figure 3. Pin connection (Top view)
ELECTRICAL RATINGS AND CHARACTERISTICS
Absolute Maximum Ratings
Operation of the device beyond these limits may cause permanent damage. It is not implied that more than
one of these conditions can be applied simultaneously.
Table 2. Electrical Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Any VDD supply voltage, related to substrate
-0,5
5
Vhh
Vin
Voltage at any input pin
-0,5
VDD +0.5
V
Tstg
Storage Temperature
-40
125
°C
TL
Lead Temperature (10 second soldering)
300
°C
Pd
Power Dissipation
350
350
500
mW
Tj
Junction Temperature
-40
110
°C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TX3
TX2
TX1
TX0
CTRLIN
DVDD
DVDD
CLKM
CLKWD
RX3
RX2
RX1
RX0
PWD
DVSS
RESETN
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AVDDLNA
T1N
T1P
N.C.
AVSSLNA
AVSSFILT
T2P
T2N
AGND
AVDDFILT
N.C.
N.C.
GP0
GP1
GP2
GP3
MTC20154-TQ
ADSL
Analog Front End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com