Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 14 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 10Page - STMicroelectronics MTC20154 Datasheet HTML 11Page - STMicroelectronics MTC20154 Datasheet HTML 12Page - STMicroelectronics MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics MTC20154 Datasheet HTML 16Page - STMicroelectronics MTC20154 Datasheet HTML 17Page - STMicroelectronics MTC20154 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MTC20154
14/21
TX Pre-driver Capability
The pre-driver drives an external line power amplifier which transmits the required power to the line.
Table 15. Pre-driver characteristics
TX Filter
The TX filters act not only to suppress the DMT sidebands but also as smoothing filters on the D/A con-
verter’s output to suppress the image spectrum. For this reason they are realised in a time continuous ap-
proach.
ATU-R-TX Filter
The purpose of this filter is to remove out-of-band noise of the ATU-R-TX path echoed to the ATU-R-RX
path. In order to meet the transmitter spectral response, additional filtering is (digitally) performed. The
integrated filter has nominal characteristics shown in table 11:
Table 16. ATU-R-TX filter characteristics
ATU-C-TX Filter
Same filter as ATU-R-RX. Its purpose is now is to remove image frequency of the transmitted signal ac-
cording the ANSI definition.
Table 17. D/A Converter
TX drive level to the external line driver for max AGC setting
2 Vpdif
External line driver input impedance:
resistive
> 200
Ω
capacitive
< 30 pF
Pre-driver characteristics:
gain range:
-9 dB...6 dB with step = 1 dB
common mode voltage:
AVDB/2
output common mode voltage:
30 nV/Hz
Description
Value/Units
Input refered noise
94 nV/
Max. input level
1 Vpd
Max. output level
1 Vpd
Type
4th order chebychef
Cut-off frequency
138 KHz (f0)
Max. in-band ripple
0.5 dB
Description
Value/Units
Number of bits:
12 bits
Minimum resolution of the D/A converter
11 bits
Linearity error of the D/A converter
< 1 LSB (out of 12 bits)
Full scale output range:
1 Vpdif +- 5%
Sampling Rate:
8.832 MHz (or 4.416 in alternative mode)
Latency:
1 sampling clock period
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com