Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics MTC20154 Datasheet HTML 16Page - STMicroelectronics MTC20154 Datasheet HTML 17Page - STMicroelectronics MTC20154 Datasheet HTML 18Page - STMicroelectronics MTC20154 Datasheet HTML 19Page - STMicroelectronics MTC20154 Datasheet HTML 20Page - STMicroelectronics MTC20154 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
MTC20154
Table 21. Receive / Transmit Protocol
Data set up and hold time are specified versus rising edge of CLKM
Receive / Transmit Interface
The digital interface is based on a 4 * 8.832 MHz (35.328 MHz) clock. The 8.832MHz 12 bits A/D output
signal or the D/A input signal are SIPO multiplexed over 4 parallel 35.328 MHz data lines in the following
table.
If OSR = 2 bit is selected, CLKNIB is used as nibble clock (17.664 MHz, disabled in normal mode), and
all the RXi, TXi, CLKWD periods are twice as long as in normal mode.
Table 22. Receive / Transmit Protocol
TX / TXE Signal Dynamic Range
The dynamic range of the signal for both DACs is 12 bits extracted from the available signed 16 bit repre-
sentation coming from the digital processor. The maximal positive number is 214-1, the most negative
number is -214, the 3 LSBs are ignored. Any signal exceeding these limits is clamped to the maximal value.
Figure 10. TX/TXE Bit Map
RX Signal Dynamic Range
The dynamic range of the signal from the ADC is limited to 13 bits. Those bits are converted to a signed
representation with a maximal positive number of 2 14-1 and a most negative number of 2 14. The 2 LSBs
are filled with ’0’.
Figure 11. RX Bit Map
Symbol
Parameters
min
typ
max
Remarks
Ts
Setup Time
7 ns
–
–
Th
Hold time
0.2 ns
–
–
TDv
Data Valid
0.5 ns
–
4 ns
N0
N1
N2
N3
RXD0 / TXD0 will contain
b0
b4
b8
b12
RXD1 / TXD1 will contain
b1
b5
b9
b13
RXD2 / TXD2 will contain
b2
b6
b10
b14
RXD3 / TXD3 will contain
b3
b7
b11
b15
sign
sign
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
n.u.
n.u.
n.u.
sign
b11
b12
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com